ATS-20F-58-C2-R0
AI

The part number **ATS-20F-58-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, and high-power chipsets using "push pin" attachment technology.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35mm x 35mm x 15mm |
| **Fin Type** | XCUT (Cross-Cut) |
| **Thermal Resistance** | 10.11 °C/W (@ 1.0 m/s) |
| **Attachment Type** | Push Pin (Brass) |
| **Interface Material** | T766 (Thermal Tape/Paste) |
---
### 2. Breakdown of the Part Number
Advanced Thermal Solutions uses a standardized nomenclature to describe their products:
* **ATS**: Prefix for Advanced Thermal Solutions.
* **20**: Refers to the specific series of the product.
* **F**: Indicates the attachment mechanism (Push-Pin).
* **58**: The sequence number for the specific size/fin configuration.
* **C2**: Refers to the finish (Blue Anodized).
* **R0**: Refers to the revision of the product.
---
### 3. Electronic Design Benefits
Using this specific heatsink offers several advantages in PCB design:
1. **Improved Airflow**: The **XCUT** (cross-cut) fin design allows for omnidirectional airflow, making it effective even if the direction of the system fan isn't perfectly aligned with the fins.
2. **Ease of Installation**: The **Push-Pin** mechanism provides a secure mount without the need for tools, using a pre-installed spring that ensures constant pressure against the chip.
3. **High Thermal Conductivity**: The **Blue Anodized** coating is not just for aesthetics; it provides improved emissivity and protects the aluminum from corrosion in various environments.
4. **Low Profile**: At only **15mm height**, it is ideal for compact enclosures (1U or 2U rack servers) where space is limited.
---
### 4. Typical Applications
* **Networking Equipment**: Switches and routers.
* **Industrial PCs**: Cooling embedded processors.
* **Power Supplies**: Dissipating heat from MOSFETs or voltage regulators.
* **Consumer Electronics**: High-end audio/video processing units.
- ⤷What is the difference between XCUT and straight fin heatsinks?
- ⤷ How do I calculate if the 10.11 °C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative attachment methods if I don't want to use push pins?