ATS-20F-55-C2-R0
AI

### Electronic Component Overview: ATS-20F-55-C2-R0
The **ATS-20F-55-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is specifically designed for component cooling in electronics, such as CPUs, GPUs, and power modules.
---
### Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20F-55-C2-R0 |
| **Heat Sink Type** | Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 35mm x 35mm x 20mm |
| **Thermal Resistance** | 2.39 °C/W (@ 200 LFM) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### Key Features and Design
1. **Push-Pin Attachment**:
- This part uses a specialized **push-pin and spring mechanism**. This ensures consistent pressure between the heat sink and the electronic component, optimizing thermal transfer.
- It requires pre-drilled holes in the Printed Circuit Board (PCB).
2. **Cross-Cut Fin Design**:
- The "F" in the part number often denotes a specific fin configuration. The cross-cut pattern allows for omnidirectional airflow, making it effective in systems where air direction might change or is turbulent.
3. **Material & Finish**:
- Constructed from high-grade aluminum for lightweight thermal conductivity.
- The **Blue Anodized** finish provides better surface emissivity and protects the aluminum from corrosion.
4. **Thermal Interface Material (TIM)**:
- The **-R0** suffix typically indicates that the part comes with a pre-applied thermal pad or phase-change material (T766), which simplifies the assembly process and ensures no air gaps exist between the chip and the heat sink.
---
### Applications
* **Networking Equipment**: Switches and routers.
* **Embedded Systems**: Industrial PCs and controllers.
* **Power Supplies**: Cooling MOSFETs or Voltage Regulators.
* **Computing**: Small Form Factor (SFF) motherboards and chipsets.
---
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
- ⤷ Is there a version of this heat sink with a different attachment method
- ⤷ like adhesive tape?