ATS-20F-52-C2-R0
AI

### Overview of ATS-20F-52-C2-R0
The **ATS-20F-52-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components such as processors, FPGAs, and ASICs that require high heat dissipation in constrained airflow environments.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20F-52-C2-R0 |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.07°C/W @ 200 LFM (Linear Feet per Minute) |
| **Dimensions (L x W x H)** | 52.00mm x 52.00mm x 12.70mm |
---
### Electronic and Mechanical Components
The "Electronic Part" in this context refers to the assembly components that ensure the thermal management system functions correctly.
#### 1. Heat Sink Body (The Radiator)
The primary component is the aluminum structure. It uses a **fluted fin design** (maxiFLOW™). This geometry increases the surface area significantly compared to standard square-cut fins, allowing for maximum heat transfer to the surrounding air.
#### 2. Thermal Interface Material (TIM)
* **Pre-Applied Coating:** This specific model comes with **T766**, a high-performance Phase Change Material (PCM).
* **Function:** It fills the microscopic air gaps between the hot electronic chip and the bottom of the heat sink to ensure efficient heat conduction.
#### 3. The pushPIN™ Attachment System
Instead of simple adhesives, this part uses a mechanical fastening system:
* **Springs:** Provides consistent pressure (Pre-assembled) to maintain a tight seal between the chip and the sink.
* **Brass/Plastic Pins:** Used to lock the heat sink into pre-drilled holes on the PCB (Printed Circuit Board).
---
### Thermal Performance Data
Performance varies based on the airflow (Velocity) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.07 |
| 300 (1.5 m/s) | 0.86 |
| 400 (2.0 m/s) | 0.74 |
| 600 (3.0 m/s) | 0.60 |
---
### Application Usage
This part is typically found in:
* **Telecommunications:** High-speed routers and switches.
* **Industrial Computing:** Embedded systems where vertical space is limited (12.7mm height).
* **Power Electronics:** Cooling MOSFETs or power conversion modules.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment used in this model?
- ⤷ How does the T766 phase change material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher profile for better cooling?