công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-20F-32-C2-R0

  • AI
    The part number **ATS-20F-32-C2-R0** refers to a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The part number is an alphanumeric code that describes the physical and thermal characteristics of the component. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push Pin (with Brass Springs) | | **Dimensions** | 35mm x 35mm x 15mm | | **Thermal Resistance** | 21.46 °C/W (at 1.0 m/s airflow) | | **Thermal Interface Material (TIM)** | T766 (High performance) | --- ### 2. Breakdown of the Part Number To understand the "electronic" nature of this hardware, we can decode the suffix codes: * **ATS-20F**: The series identifier. "F" typically denotes a **Fine Pitch** fin pattern, which provides more surface area for heat dissipation in restricted spaces. * **32**: Refers to the specific size/geometry configuration within the catalog. * **C2**: Indicates the material and finish. In this case, it is **Aluminum** with a **Blue Anodized** finish for corrosion resistance and aesthetic appeal. * **R0**: Refers to the revision or packaging standard. --- ### 3. Key Electronic Cooling Features This component is vital for electronic reliability for the following reasons: 1. **Thermal Management**: It prevents thermal throttling in high-speed processors by transferring heat from the silicon die to the ambient air. 2. **Push Pin Mounting**: Unlike adhesive tapes, the push pin system provides constant pressure. This ensures the Thermal Interface Material (TIM) fills all microscopic gaps between the chip and the heat sink. 3. **Pre-applied TIM**: It comes with **T766** thermal paste pre-applied to the base, ensuring optimal thermal conductivity right out of the box without the need for manual application. 4. **Airflow Optimization**: The fin design is engineered to work with both natural convection and forced-air (fan) cooling systems. --- ### 4. Application Use-Cases * **Embedded Systems**: Industrial PCs where reliability is critical. * **Telecommunications**: Cooling chipsets in routers and switches. * **Power Electronics**: Dissipating heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting hole dimensions required for this heat sink?
    • ⤷ How does the T766 thermal interface material compare to standard thermal grease?
    • ⤷ Can this heat sink be used on non-square electronic components?