ATS-20F-29-C2-R0
AI

The **ATS-20F-29-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the high-performance heatsink family, specifically designed for cooling integrated circuits (ICs) and other heat-generating electronic components.
---
## 1. Component Overview
This part is a **push-pin heatsink** designed for efficient thermal management. It utilizes a straight-fin design to maximize surface area for air cooling.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20F-29-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Type** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring there is no interference with surrounding components.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 20.00 mm
* **Pitch (between pins):** Approximately 38.00 mm (Standard for this series)
---
## 3. Thermal Performance
Thermal resistance is measured in degrees Celsius per Watt (°C/W). Lower values indicate better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM (1.0 m/s)** | ~7.57 |
| **300 LFM (1.5 m/s)** | ~4.48 |
| **400 LFM (2.0 m/s)** | ~3.32 |
---
## 4. Key Electronic & Mechanical Features
### A. Attachment System
The **"Push-Pin"** system uses a spring-loaded mechanism. This ensures:
* **Constant Pressure:** Maintains a firm contact between the heatsink base and the chip.
* **Reliability:** More secure than adhesive tapes in high-vibration environments.
* **Ease of Assembly:** Can be installed quickly using pre-drilled holes in the PCB.
### B. Material & Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Not only aesthetic but also increases the surface emissivity, slightly improving radiation cooling and providing corrosion resistance.
### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material or high-performance thermal pad that fills the microscopic air gaps between the processor and the heatsink, significantly reducing thermal resistance at the interface.
---
## 5. Typical Applications
* **CPUs and GPUs:** In embedded systems or industrial PCs.
* **Telecommunications:** Cooling for FPGAs and ASICs in networking gear.
* **Power Supplies:** Heat dissipation for high-power transistors.
- ⤷
What are the PCB hole size requirements for the push-pins on this heatsink?
- ⤷ Can this heatsink be used with a custom thermal paste instead of the pre-applied T766?
- ⤷ What is the weight of the ATS-20F-29-C2-R0 to calculate mechanical load on the PCB?