ATS-20F-27-C2-R0
AI

The **ATS-20F-27-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal characteristics of this specific part number:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-20F-27-C2-R0 |
| **Heat Sink Type** | XCUT (Cross-Cut) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40mm x 40mm x 12.7mm |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Component Breakdown
#### A. The Fin Geometry (XCUT)
The "XCUT" design features a cross-cut pattern that creates a grid of square or rectangular pins. This design is highly effective for:
* **Omnidirectional Airflow:** Unlike straight-fin heat sinks that require air to flow in one specific direction, cross-cut fins allow air to enter from any angle.
* **Increased Surface Area:** The pattern increases the area available for heat dissipation relative to the footprint.
#### B. The Push Pin Attachment
The **-C2-R0** designation typically refers to the attachment kit.
* **Push Pins:** These are spring-loaded plastic or brass pins that snap into pre-drilled holes on the PCB.
* **Springs:** The pins use springs to provide constant downward pressure, ensuring the heat sink stays flush against the chip even during mechanical vibration.
#### C. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base.
* The TIM fills microscopic air gaps between the component (CPU/GPU/FPGA) and the aluminum base of the heat sink.
* Pre-application ensures a uniform layer, reducing the risk of overheating due to improper manual paste application.
---
### 3. Thermal Performance Indicators
Thermal resistance is the critical metric for this part, measured in degrees Celsius per Watt (°C/W).
* **Unducted Flow (Low Airflow):** High thermal resistance (e.g., ~12.0 °C/W).
* **Ducted/High Airflow (200-500 LFM):** Resistance drops significantly (e.g., ~2.5 - 4.0 °C/W), allowing for much more aggressive cooling.
---
### 4. Typical Applications
* **Network Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling high-wattage MOSFETs or voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the ATS push pin system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used with a custom clip instead of push pins?