ATS-20F-22-C2-R0
AI

The **ATS-20F-22-C2-R0** is a specific electronic component belonging to the thermal management category. It is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS).
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 12.70mm |
| **Fin Type** | Fine Pitch |
| **Fin Pattern** | XCUT |
| **Attachment Method** | Push Pin (with Spring) |
---
## Breakdown of Key Features
### 1. pushPIN™ Attachment System
The part uses a specialized "push pin" mechanism. This allows for a fast and secure attachment to the Printed Circuit Board (PCB). It typically includes:
* **Flexible Springs:** Provide the necessary pressure (Pre-assembled) to ensure high thermal performance.
* **Brass/Plastic Pins:** Used to lock the heat sink into pre-drilled holes on the PCB.
### 2. XCUT Geometry
The "XCUT" design refers to the fin pattern. Unlike standard straight fins, XCUT patterns are designed to:
* Increase surface area for better heat dissipation.
* Allow for multi-directional airflow, making it less dependent on the direction of the fan.
### 3. Thermal Interface Material (TIM)
This specific model usually comes with **T412** thermal tape or a pre-applied phase-change material. This fills the microscopic air gaps between the component (CPU/GPU/Power chip) and the heat sink, significantly lowering thermal resistance.
### 4. Blue Anodized Finish
The blue coating is not just for aesthetics; it provides:
* **Corrosion Resistance:** Protects the aluminum from oxidation.
* **Electrical Insulation:** Adds a layer of non-conductivity to the surface.
* **Emissivity:** Slightly improves heat radiation.
---
## Typical Applications
* **Field Programmable Gate Arrays (FPGAs)**
* **Application-Specific Integrated Circuits (ASICs)**
* **Network Switches and Routers**
* **Power Supplies**
- ⤷
What are the different push pin material options for this series?
- ⤷ How do I calculate the thermal resistance for this specific heat sink?
- ⤷ Are there CAD models available for the ATS-20F-22-C2-R0?