ATS-20F-196-C2-R0
AI

### Overview of ATS-20F-196-C2-R0
The **ATS-20F-196-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs where space is limited but thermal demands are high.
---
### 1. Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | **pushPIN™** (Provides secure mounting) |
| **Thermal Resistance** | 6.17 °C/W (at 200 LFM) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Fin Style** | Tapered Fin Design |
---
### 2. Design and Engineering Features
* **maxiFLOW™ Geometry:** The unique flared fin structure increases the surface area for heat dissipation while maintaining a low pressure drop. This design allows it to perform exceptionally well in high-velocity airflow environments.
* **pushPIN™ Attachment:** This model uses a specialized attachment mechanism that includes a high-performance compression spring. This ensures a consistent and reliable pressure on the component (TIM - Thermal Interface Material), optimizing heat transfer.
* **Material and Finish:** Made from aluminum for lightweight thermal conductivity and finished with a **Blue Anodized** coating to prevent corrosion and improve emissivity.
---
### 3. Thermal Performance Metrics
Thermal performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM | 6.17 |
| 300 LFM | 4.77 |
| 400 LFM | 4.01 |
| 500 LFM | 3.54 |
| 600 LFM | 3.22 |
---
### 4. Typical Applications
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Electronics:** Voltage regulators and power modules that generate localized heat.
---
- ⤷
What are the specific benefits of the pushPIN™ mounting system over standard adhesive tapes?
- ⤷ How do I calculate if this heat sink is sufficient for a 10W processor?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?