ATS-20F-147-C2-R0
AI

The **ATS-20F-147-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push Pin (Plastic/Brass) |
| **Thermal Resistance** | 13.52°C/W @ 1.0 m/s (LFM) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
## 2. Key Electronic Features
### A. Material Composition
The body is made of **Aluminum**, which is the industry standard for heat dissipation due to its high thermal conductivity and lightweight properties. The **Blue Anodized** finish is not just for aesthetics; it increases the surface emissivity, slightly improving radiation heat transfer and providing corrosion resistance.
### B. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied. The TIM is critical in electronics because it fills the microscopic air gaps between the component (e.g., a CPU) and the heat sink, significantly reducing contact thermal resistance.
### C. Mounting Mechanism (Push Pin)
The "20F" designation typically refers to the specific attachment hole spacing and spring tension. The push-pin system ensures:
* **Constant Pressure:** Maintains optimal contact between the heat sink and the chip.
* **Secure Attachment:** More reliable than adhesive tapes in high-vibration environments.
---
## 3. Thermal Performance Data
Performance varies based on the airflow (Velocity) within the electronic enclosure:
| Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (200 LFM) | 13.52 |
| 2.0 (400 LFM) | 7.53 |
| 3.0 (600 LFM) | 5.83 |
---
## 4. Usage Considerations
* **Component Size:** Designed for chips roughly 30mm x 30mm or smaller.
* **Clearance:** The 10mm low-profile height makes it suitable for slim electronic housings or 1U server racks.
* **PCB Preparation:** Requires specific pre-drilled holes in the PCB to accommodate the push pins.
- ⤷
What are the PCB hole diameter requirements for this specific push-pin heat sink?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used for passive cooling without a fan?