ATS-20F-142-C2-R0
AI

### Technical Overview: ATS-20F-142-C2-R0
The **ATS-20F-142-C2-R0** is a high-performance **Heat Sink** designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** product series, specifically engineered to provide low thermal resistance and high reliability for cooling electronic components such as CPUs, GPUs, and power modules.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20F-142-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Footprint / Dimensions** | 45.00mm x 45.00mm |
| **Height** | 23.00mm |
| **Thermal Resistance** | 3.22°C/W @ 200 LFM |
| **Spring Type** | Compression Spring |
---
### 2. Design and Engineering Features
#### A. maxiFLOW™ Fin Geometry
The "F" in the part number indicates the **maxiFLOW™** design. Unlike standard straight-fin heat sinks, this design features a tapered fin structure.
* **Purpose:** Increases surface area while maintaining a low pressure drop.
* **Benefit:** Allows for maximum heat dissipation in constrained airflow environments.
#### B. Attachment Mechanism (Push-Pin)
This specific model uses a **Plastic Push-Pin** system with a compression spring.
* **Installation:** The pins are inserted through pre-drilled holes in the PCB.
* **Force:** The compression spring ensures a consistent downward pressure (interface pressure) between the heat sink base and the electronic component, optimizing thermal transfer.
#### C. Material and Coating
* **Aluminum 6063:** Provides high thermal conductivity and is lightweight.
* **Blue Anodized Finish:** Not only provides aesthetic appeal but also adds a layer of corrosion resistance and slightly improves radiative heat transfer.
---
### 3. Thermal Performance Analysis
The performance of this heat sink is dependent on the airflow velocity (LFM - Linear Feet per Minute).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 3.22 |
| 300 | 2.40 |
| 400 | 2.00 |
| 500 | 1.80 |
---
### 4. Implementation Checklist
When integrating the ATS-20F-142-C2-R0 into a PCB design, ensure the following:
1. **PCB Hole Pattern:** The board must have holes positioned to match the push-pin spread.
2. **TIM (Thermal Interface Material):** This part usually comes with a pre-applied high-performance thermal phase-change material or requires a separate pad/paste.
3. **Keep-out Zone:** Ensure no surface-mount components (SMD) are placed under the footprint of the heat sink wings.
---
- ⤷
What is the exact hole-to-hole spacing required for the push-pin installation?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ Are there alternative attachment methods for this specific heat sink size?