ATS-20F-124-C2-R0
AI

The **ATS-20F-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions Inc. It is designed to dissipate heat from electronic integrated circuits (ICs) and other heat-generating components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is a breakdown of its primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Base Dimensions** | 50.00mm x 50.00mm |
| **Height (Off Base)** | 25.00mm |
| **Fin Style** | XC-CUT (Cross-Cut) |
| **Thermal Resistance** | 3.28°C/W (at 100 LFM) |
---
### 2. Key Component Features
#### A. XC-CUT Fin Design
The heat sink features a **cross-cut** fin pattern. This design allows for:
* **Omni-directional Airflow:** Unlike straight-fin heat sinks that require air to move in one specific direction, cross-cut fins can accept airflow from various angles, making them ideal for crowded PCB layouts.
* **Increased Surface Area:** The pattern maximizes the area available for heat transfer to the surrounding air.
#### B. pushPIN™ Attachment System
This component uses a specialized mounting mechanism:
* **Plastic Push Pins:** These snap into pre-drilled holes on the PCB.
* **Compression Springs:** These ensure a consistent and high-pressure interface between the heat sink and the electronic component (CPU, GPU, or MOSFET).
* **Reliability:** The spring-loaded nature prevents the heat sink from shifting during mechanical shock or vibration.
---
### 3. Application Use Cases
The ATS-20F-124-C2-R0 is typically used in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in switches and routers.
2. **Power Supplies:** Managing heat for high-power transistors.
3. **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
---
### 4. Thermal Performance Overview
Thermal resistance is measured in °C/W (Degrees Celsius per Watt). A lower number indicates better performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 3.28 |
| 300 (1.5 m/s) | 1.49 |
| 500 (2.5 m/s) | 1.09 |
---
- ⤷What is the difference between XC-CUT and straight fin heat sinks?
- ⤷ How do I choose the correct spring tension for the pushPIN system?
- ⤷ Are there specific thermal interface materials (TIM) recommended for this part?