ATS-20F-110-C2-R1
AI

The **ATS-20F-110-C2-R1** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices (SMDs).
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | XCUT (Cross-cut) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 25.00mm |
| **Thermal Resistance** | 2.70°C/W (at 100 LFM) |
---
### 2. Physical Design and Functionality
The device is engineered to increase the surface area of a heat-generating component to allow for more efficient cooling via convection.
* **XCUT Fin Pattern:** The fins are cut in both vertical and horizontal directions. This creates a matrix of small pins that allow airflow from any direction (omnidirectional), making it ideal for enclosures with complex airflow patterns.
* **pushPIN™ Attachment:** Instead of messy thermal adhesives, this model uses a mechanical spring-loaded pin system. This ensures a consistent pressure (TIM - Thermal Interface Material interface) and allows for secure mounting to a PCB.
* **Material Properties:** Made from lightweight aluminum with a blue anodized coating, which provides basic corrosion resistance and increases surface emissivity for better radiation.
---
### 3. Application Use Cases
This specific heat sink is typically found in high-power computing and networking environments:
* **Processors (CPUs/GPUs):** For low-to-mid range processing units.
* **FPGAs & ASICs:** Cooling high-speed logic gates in telecommunications hardware.
* **Power Supplies:** Managing heat in industrial-grade power converters.
---
### 4. Part Number Breakdown (Nomenclature)
`ATS-20F-110-C2-R1`
* **ATS:** Brand Prefix.
* **20:** Series Number.
* **F:** Fin Style (XCUT).
* **110:** Size/Fin spacing variant.
* **C2:** Thermal Interface Material (usually denotes T766 or similar pre-applied phase change material).
* **R1:** Revision/Packaging code.
- ⤷
What is the significance of the 2.70°C/W thermal resistance rating in practical circuit design?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the PCB hole requirements for the pushPIN mounting system?