ATS-20F-101-C3-R0
AI

The **ATS-20F-101-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components such as CPUs, GPUs, FPGAs, or power modules.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Type** | Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 30mm |
| **Thermal Resistance** | Approx. 6.77° C/W (@ 200 LFM) |
---
### 2. Design and Components
This part is not a standalone "electronic" circuit but a thermal management component essential for electronic stability.
* **Fin Profile (Straight Fin):** The "F" in the part number indicates a straight fin design. This is optimized for airflow directed through the fins, providing a large surface area for heat dissipation.
* **pushPIN™ Attachment:** The assembly includes a specific attachment mechanism consisting of:
1. **Plastic/Brass Pins:** To secure the sink to the PCB.
2. **Compression Springs:** To provide consistent "Force" (Pressure) on the component, ensuring high thermal contact.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T412** thermal tape or a pre-applied phase-change material to bridge the microscopic air gaps between the chip and the aluminum.
---
### 3. Application Use Cases
This component is used in environments where heat buildup can cause "thermal throttling" or hardware failure:
* **Telecommunications:** Cooling high-speed networking chips.
* **Embedded Systems:** Industrial PCs where fan-less or forced-air cooling is required.
* **Power Electronics:** Dissipating heat from voltage regulators or motor drivers.
---
### 4. Part Number Breakdown
Understanding the code `ATS-20F-101-C3-R0`:
* **ATS-20:** Series identifier.
* **F:** Straight Fin geometry.
* **101:** Dimensional code (45x45mm).
* **C3:** Material/Color code (Aluminum / Blue Anodized).
* **R0:** Revision or packaging indicator.
- ⤷
What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ How do I calculate if this heat sink provides enough cooling for my specific chip?
- ⤷ Can this heat sink be used with a custom fan attachment?