ATS-20F-06-C2-R0
AI

The **ATS-20F-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from surface-mount components like BGA, FPGA, and processors.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Passive Heat Sink |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 25.00 mm |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | ~2.01°C/W (at 200 LFM) |
| **Thermal Interface (TIM)** | T766 (High performance) |
---
### 2. Key Electronic Features
#### A. The maxiFLOW™ Design
The "F" in the part number indicates the maxiFLOW™ fin geometry. Unlike standard straight-fin heat sinks, these feature a **flared fin** design. This increases the surface area and maximizes airflow ingestion, significantly reducing the junction temperature of the semiconductor it is cooling.
#### B. pushPIN™ Attachment
This model uses the **pushPIN™** system, which is critical for electronic PCB assembly:
* **Precision:** Ensures uniform pressure across the component for optimal heat transfer.
* **Security:** Provides a secure mechanical connection that can withstand vibration and shock.
* **Compatibility:** Designed for specific hole patterns in the PCB, reducing the risk of accidental detachment compared to adhesive tapes.
#### C. Thermal Interface Material (TIM)
The "C2" suffix indicates the inclusion of a pre-applied **T766 thermal interface material**. This is a phase-change or high-conductivity material that fills microscopic air gaps between the chip surface and the heat sink base, ensuring maximum heat conduction.
---
### 3. Usage Context
This part is typically used in industrial and high-speed computing environments where components are densely packed.
* **Primary Goal:** To prevent "Thermal Throttling" or hardware failure in high-power chips.
* **Airflow Requirement:** It is designed for forced-air cooling (fan-driven) environments. Its efficiency increases as the Linear Feet per Minute (LFM) of airflow increases.
- ⤷
How do I calculate the correct hole diameter for the pushPIN attachment?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffixes in ATS part numbers?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T766?