ATS-20D-87-C2-R0
AI

The **ATS-20D-87-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed to provide superior thermal management for electronic components such as BGA (Ball Grid Array) chips.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-20D-87-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 36.83mm x 36.83mm x 12.70mm |
| **Attachment Method** | pushPIN™ (Brass pins / Plastic pins) |
| **Thermal Resistance** | 2.70 °C/W (@ 200 LFM) |
| **Fin Style** | Spread Fin (maxiFLOW™) |
---
### 2. Key Components & Design Features
#### A. The Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heatsinks, the ATS-20D-87-C2-R0 uses a **flared-fin** design. This geometry increases the surface area and encourages more air to flow through the fin field rather than over it, significantly reducing thermal resistance in high-airflow environments.
#### B. The pushPIN™ Attachment System
This part uses a specific mechanical mounting system:
* **Compression Spring:** Ensures consistent pressure on the processor/chip for optimal heat transfer.
* **Brass/Plastic Pins:** Provides a secure mechanical fit to the PCB, preventing the heatsink from shifting during transport or vibration.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the type of thermal interface material pre-applied to the base.
* **T766 Phase Change Material:** This is a high-performance thermal pad that melts at operating temperatures to fill microscopic air gaps between the heatsink and the chip.
---
### 3. Application Use Cases
This component is typically found in:
1. **Networking Hardware:** Routers, switches, and base stations where high-speed processing generates significant heat.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Telecommunications:** High-power RF components.
---
### 4. Part Number Breakdown
```text
ATS - 20 - D - 87 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Thermal Interface Material (T766)
| | | +------------ Height (12.7mm)
| | +----------------- Fin Pitch/Style
| +---------------------- Number of Fins/Series
+--------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What is the difference between pushPIN™ and adhesive tape mounting for this heatsink?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heatsink be used on a PCB without pre-drilled holes?