ATS-20D-85-C2-R0
AI

The **ATS-20D-85-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance **maxiFLOW™** heat sink series, designed primarily for cooling BGA (Ball Grid Array) components and other surface-mount electronics.
---
### ## Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-20D-85-C2-R0 |
| **Component Type** | Heat Sink (Thermal Management) |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Pin Material** | Nylon |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 2.15 °C/W (at 200 LFM) |
---
### ## Key Electronic & Mechanical Parts
#### 1. The Heat Sink Body
The main body is made of extruded aluminum. The **maxiFLOW™** design features a flared fin structure. This geometry is electronically significant because it reduces pressure drop and increases the surface area, allowing for better cooling of high-frequency processors or power-dense chips.
#### 2. The Push-Pin Mechanism
The "20D" in the part number indicates a specific push-pin and spring assembly.
* **Springs:** Provide a consistent "normal force" (pressure) between the heat sink and the chip.
* **Nylon Push-Pins:** These are inserted through pre-drilled holes in the PCB. They are non-conductive, ensuring no electrical shorts occur on the board traces.
#### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* **Function:** It fills microscopic air gaps between the semiconductor die and the aluminum base.
* **Electrical Property:** T766 is generally electrically insulating but thermally conductive, protecting the electronic component from static or shorting via the metal heat sink.
---
### ## Application Context
This part is commonly used in:
* **Telecommunications:** Cooling FPGA and ASIC chips.
* **Computing:** Northbridge/Southbridge cooling on motherboards.
* **Power Electronics:** Dissipating heat from high-speed switching components.
- ⤷
What is the significance of the 'C2' suffix in this part number?
- ⤷How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷Are there metal spring-clip versions of this heat sink available for high-vibration environments?