ATS-20D-83-C2-R0
AI

The **ATS-20D-83-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | 1.60° C/W (at 1.0 m/s airflow) |
| **Dimensions** | 30.00mm x 30.00mm x 20.00mm |
---
### 2. Design and Construction
The "83" in the part number refers to the specific fin pattern and height designed for high-density airflow environments.
* **Heat Sink Profile:** It features a square footprint (30mm) and a height of 20mm.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-efficiency phase-change material that ensures a low thermal resistance bond between the component and the heat sink.
* **Attachment:** The `pushPIN™` system uses a spring-loaded mechanism to provide precise pressure, ensuring optimal contact with the electronic chip without over-tightening.
---
### 3. Thermal Performance (Flow Rate)
The effectiveness of this part depends heavily on the velocity of the air moving through the fins.
| Air Velocity (m/s) | Thermal Resistance (Unducted) |
| :--- | :--- |
| 1.0 | 1.60 °C/W |
| 2.0 | 1.05 °C/W |
| 3.0 | 0.86 °C/W |
| 5.0 | 0.70 °C/W |
---
### 4. Typical Applications
This component is used in industrial and consumer electronics where space is limited but heat generation is high:
* **Networking Gear:** Switches and Routers.
* **Embedded Systems:** Industrial PCs and single-board computers.
* **Power Supplies:** Cooling voltage regulators or power transistors.
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I choose the correct push-pin size for a PCB thickness?
- ⤷ Can this heat sink be used for passive cooling without a fan?