công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-20D-82-C2-R0

  • AI
    ## Overview of ATS-20D-82-C2-R0 The **ATS-20D-82-C2-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). It is specifically engineered for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific part number: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 25.00mm | | **Thermal Resistance** | 10.74°C/W (Unducted Flow @ 200 LFM) | | **Fin Type** | Straight Fin | | **Spring Type** | Compression Spring | --- ### 2. Breakdown of the Part Number Advanced Thermal Solutions uses a structured nomenclature. Here is the breakdown for the **ATS-20D-82-C2-R0**: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **20**: Series (typically refers to the attachment style and fin geometry). * **D**: Compression Spring / Push-Pin attachment style. * **82**: Specific dimensional profile/designation for the 30x30mm footprint. * **C2**: Finish code (indicates Blue Anodized). * **R0**: Revision code or RoHS compliance indicator. --- ### 3. Key Electronic Cooling Features #### A. The "push-pin" Mechanism The **-D-** and **Push-Pin** designation indicates that the heat sink is mounted via pre-drilled holes in the PCB. This provides: * **Consistent Pressure:** The compression springs ensure a uniform load on the electronic component, optimizing the thermal interface. * **Reliability:** Unlike adhesive tapes, push-pins are more secure in high-vibration environments. #### B. Thermal Interface Material (TIM) The "R0" variants often come with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad on the base. This eliminates the air gap between the electronic chip and the aluminum fins, ensuring efficient heat transfer. #### C. Straight Fin Design The straight fin geometry is optimized for **forced-air cooling**. It allows air from a system fan to pass through the channels with minimal pressure drop, effectively wicking heat away from the semiconductor junction. --- ### 4. Typical Applications * **Network Switches:** Cooling ASICs and FPGA chips. * **Embedded Systems:** Industrial PCs where space is limited but heat density is high. * **Power Supplies:** Cooling MOSFETs or power regulators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
    • ⤷ How do I calculate the required airflow (LFM) for this heat sink?
    • ⤷ Are there alternative attachment methods if my PCB lacks mounting holes?