công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-20D-48-C2-R0

  • AI
    ### ATS-20D-48-C2-R0: Electronic Component Overview The **ATS-20D-48-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed specifically for cooling high-power electronic components such as processors, FPGAs, and ASICs. --- ### 1. Key Technical Specifications Below are the primary physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W)** | 48.26mm x 48.26mm | | **Height** | 14.48mm | | **Thermal Resistance** | 2.65°C/W @ 200 LFM | | **Attachment Method** | pushPIN™ (Brass/Plastic) | | **Interface Material** | T766 (Thermal Tape) | --- ### 2. Functional Electronic Design #### A. The maxiFLOW™ Geometry The design features a unique flared fin structure. Unlike standard vertical fins, these are tapered to increase the surface area for heat dissipation while maintaining a low pressure drop. This is critical in crowded electronic enclosures where airflow might be obstructed. #### B. Attachment System: pushPIN™ This part utilizes the **pushPIN™** attachment mechanism, which is superior to traditional adhesive methods for several reasons: * **Constant Pressure:** Ensures uniform contact between the heat sink and the electronic chip, optimizing thermal transfer. * **Security:** Prevents the heat sink from shifting during mechanical shock or vibration. * **Ease of Assembly:** Features a built-in spring that provides a defined compression force. #### C. Thermal Interface Material (TIM) The "R0" at the end of the part number indicates the specific thermal interface material. This model uses **T766**, a high-performance thermal tape that facilitates the conduction of heat from the component's die to the aluminum fins. --- ### 3. Application Use Cases This heat sink is typically found in the following electronic systems: 1. **Telecommunications:** High-speed routers and switches. 2. **Industrial Controls:** Power management modules and motor controllers. 3. **Computing:** Server motherboards and specialized GPU cooling. --- ### 4. Summary of Benefits * **Durability:** The Blue Anodized finish provides excellent corrosion resistance and increases surface emissivity. * **Efficiency:** Designed for high-airflow environments where space is a premium. * **Reliability:** Meets standard industry requirements for shock and vibration (often tested to MIL-STD-810 standards).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'C2' designation in the part number?
    • ⤷ How does the thermal resistance change at different LFM (Linear Feet per Minute) ratings?
    • ⤷ Can this heat sink be customized for different attachment spring forces?