công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-20D-23-C2-R0

  • AI
    ## Electronic Specifications: ATS-20D-23-C2-R0 The **ATS-20D-23-C2-R0** is a high-performance **Aluminum Heat Sink** manufactured by Advanced Thermal Solutions (ATS). While it is a mechanical component, it is designed specifically for electronic thermal management, particularly for BGA (Ball Grid Array) packages. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Part Number** | ATS-20D-23-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 12.00°C/W @ 100 LFM | | **Thermal Interface Material (TIM)** | T766 (High Performance) | | **Dimensions (L x W x H)** | 60mm x 60mm x 15mm | --- ### 2. Key Electronic Components & Design Features #### A. pushPIN™ Attachment System Unlike adhesive-based heat sinks, this model uses a **spring-loaded pushPIN system**. In the context of electronic hardware design, this offers several advantages: * **Constant Pressure:** Ensures a uniform interface between the heat sink and the electronic component (CPU/GPU/FPGA). * **Reliability:** Resistant to shock and vibration, making it suitable for industrial or telecommunications hardware. #### B. Thermal Interface Material (T766) The unit comes pre-applied with **T766 TIM**. This is a critical electronic part that fills microscopic air gaps between the chip surface and the heat sink, significantly lowering thermal resistance and preventing electronic component overheating. #### C. Cross-Cut Fin Design The fin structure is optimized for **omni-directional airflow**. In complex electronic enclosures where airflow direction may vary, this design ensures the component remains cool regardless of the orientation of the cooling fans. --- ### 3. Application Use Cases This specific heat sink is typically used for cooling the following electronic components: 1. **High-speed FPGAs:** Used in signal processing and data centers. 2. **Network Processors:** Found in high-bandwidth routers and switches. 3. **ASICs:** Custom-designed integrated circuits that generate significant heat during operation.
    ✨ Follow-up Questions
    • ⤷ What are the specific hole dimensions required on a PCB for this pushPIN system?
    • ⤷ How does the 'Blue Anodized' finish affect the heat dissipation properties?
    • ⤷ Can the T766 thermal interface material be replaced with liquid metal for better performance?