ATS-20D-182-C2-R0
AI

The **ATS-20D-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this specific model:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 40.00mm x 40.00mm x 15.00mm |
| **Thermal Resistance** | 7.51°C/W (Unducted Flow @ 200 LFM) |
| **Weight** | 35.0 grams |
| **Fins** | Fine-pitch straight fin design |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the "20D" series utilizes a mechanical pushPIN™ system. This ensures:
* **Constant Pressure:** A high-performance compression spring provides uniform pressure across the thermal interface material (TIM).
* **Secure Mounting:** It prevents the heat sink from shifting due to vibration or thermal expansion.
* **Ease of Assembly:** Pre-drilled holes in the PCB allow for quick installation.
### B. Thermal Interface Material (TIM)
The "C2" suffix in the part number indicates that the heat sink comes pre-applied with **T766 Phase Change Material**. This is an advanced thermal grease alternative that softens at operating temperatures to fill microscopic air gaps between the chip and the aluminum, maximizing heat transfer.
### C. Thermal Performance
The design is optimized for high-density electronic packaging. The thermal resistance of **7.51°C/W** means that for every watt of power the chip dissipates, the temperature of the chip will rise by 7.51 degrees Celsius above the ambient air temperature (assuming a moderate airflow of 200 LFM).
---
## 3. Part Number Breakdown
The nomenclature follows a specific logic:
1. **ATS:** Manufacturer (Advanced Thermal Solutions).
2. **20D:** The specific product family (pushPIN™ Heat Sink).
3. **182:** Specific dimensional and fin configuration.
4. **C2:** Thermal Interface Material type (T766).
5. **R0:** Revision code / RoHS Compliance status.
---
- ⤷
What are the PCB hole requirements for mounting the pushPIN system?
- ⤷ How does 'Blue Anodized' finish affect thermal radiation?
- ⤷ Can this heat sink be used for passive cooling without a fan?