ATS-20D-08-C2-R0
AI

The **ATS-20D-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like BGA (Ball Grid Array) packages.
---
## 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W)** | 45.00 mm x 45.00 mm |
| **Height** | 22.86 mm |
| **Thermal Resistance** | 3.30°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Orientation** | High-performance fin patterns (Tapered) |
---
## 2. Component Analysis
### A. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just aesthetic; the anodization protects the aluminum from corrosion and slightly increases the surface emissivity, aiding in heat radiation.
### B. Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, the "D" in the part number often signifies a specific fin orientation or density. The **maxiFLOW™** design features a spread-fin geometry that:
1. Reduces pressure drop across the heat sink.
2. Increases air turbulence to enhance heat transfer away from the base.
3. Maximizes the surface area available for cooling.
### C. Mounting Mechanism: pushPIN™
The **R0** suffix typically refers to the mounting hardware package.
* **Hardware:** It uses a push-pin and brass spring mechanism.
* **Benefits:** This ensures consistent pressure (clamping force) between the heat sink and the electronic component (CPU/GPU/FPGA), which is critical for maximizing the effectiveness of the Thermal Interface Material (TIM).
---
## 3. Application Context
This part is commonly found in industrial and high-reliability electronics, including:
* **Telecommunications:** Cooling of high-speed processors in routers and switches.
* **Embedded Systems:** High-performance computing modules.
* **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
---
- ⤷
What is the significance of the 'C2' designation in the ATS part numbering system?
- ⤷ How does the pushPIN mounting system compare to adhesive thermal tape?
- ⤷ What is the recommended Thermal Interface Material (TIM) for this heat sink?