ATS-20D-06-C2-R0
AI

The **ATS-20D-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics essential for PCB design and thermal calculation.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Thermal Resistance** | 1.83°C/W (at 200 LFM) |
---
### 2. Physical Design Components
This component consists of three primary electronic/mechanical parts:
1. **The Heat Sink Body:** A square aluminum block with a "Pin Fin" array. Unlike straight fins, pin fins allow for omnidirectional airflow, making them more efficient in systems where the direction of air cannot be strictly controlled.
2. **The Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance thermal grease or pad that fills microscopic air gaps between the electronic component (CPU/FPGA) and the heat sink.
3. **The pushPIN™ Attachment:** It utilizes a spring-loaded mechanism. This ensures a constant, calibrated pressure (Force) against the chip, which is critical for maximizing heat transfer and preventing the sink from shifting during vibration.
---
### 3. Thermal Performance Metrics
Thermal resistance ($\theta_{sa}$) determines how effectively the part cools the electronic component.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.90 |
| 200 (1.0 m/s) | 1.83 |
| 400 (2.0 m/s) | 1.25 |
| 600 (3.0 m/s) | 0.82 |
---
### 4. Electronic Applications
The **ATS-20D-06-C2-R0** is commonly used to cool high-heat-density electronic components such as:
* **FPGAs & ASICs:** High-speed processing units in telecommunications.
* **Voltage Regulator Modules (VRMs):** Power management circuits on high-end motherboards.
* **LED Drivers:** High-output lighting controllers.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷How do I calculate the required airflow for this heat sink?
- ⤷ What are the advantages of blue anodizing over plain aluminum?
- ⤷ What is the difference between push-pin and adhesive mounting?