công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-20B-96-C2-R0

  • AI
    The **ATS-20B-96-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their **maxiFLOW™** series, designed for high-density electronic cooling. --- ## 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Dimensions (L x W x H)** | 40mm x 40mm x 35mm | | **Material** | Aluminum (Blue Anodized) | | **Thermal Resistance** | 0.88° C/W (@ 200 LFM) | | **Attachment Method** | maxiGRIP™ (Frame Clip) | | **Airflow Direction** | Directional (High fin density) | --- ## 2. Key Components & Features ### A. The Heat Sink Body (maxiFLOW™) * **Fin Design:** It utilizes a spread-fin geometry that maximizes surface area for convective heat transfer while minimizing pressure drop. * **Material:** Made from high-grade aluminum to ensure efficient thermal conductivity. The blue anodized finish provides corrosion resistance and increased emissivity. ### B. Attachment Mechanism (maxiGRIP™) This part is typically paired with a **maxiGRIP™** attachment system, which consists of: 1. **Plastic Frame Clip:** A high-strength clip that snaps around the component (usually a BGA/FPGA) to provide steady pressure. 2. **Stainless Steel Spring Clip:** A "steady-force" wire clip that runs across the top of the heat sink to lock it into the frame. 3. **Note:** This allows for secure mounting without drilling holes into the PCB. ### C. Thermal Interface Material (TIM) The "R0" suffix often indicates the inclusion of a pre-applied high-performance Thermal Interface Material. This fills the microscopic air gaps between the chip and the heat sink to ensure maximum heat flow. --- ## 3. Applications The ATS-20B-96-C2-R0 is designed for cooling high-heat-dissipating integrated circuits, including: * **FPGAs & ASICs:** Used in telecommunications and data centers. * **Processors:** High-speed CPUs or GPUs in embedded systems. * **Power Supplies:** Heat dissipation for dense power modules. --- ## 4. Comparison with Standard Heat Sinks | Feature | ATS-20B-96-C2-R0 | Standard Extruded Heat Sink | | :--- | :--- | :--- | | **Efficiency** | High (optimized fin geometry) | Moderate | | **Installation** | Tool-less (maxiGRIP) | Often requires screws or adhesive | | **Pressure** | Uniform across the chip | Variable |
    ✨ Follow-up Questions
    • ⤷ What is the compatible PCB footprint for the maxiGRIP attachment used with this heat sink?
    • ⤷ How does the thermal resistance change at higher airflow rates (e.g.
    • ⤷ 400 LFM or 600 LFM)?
    • ⤷ Is this heat sink compatible with lead-free soldering and RoHS standards?