ATS-20B-101-C2-R0
AI

The **ATS-20B-101-C2-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.69°C/W (Unducted Flow @ 200 LFM) |
| **Fin Style** | Straight Fin |
| **Compliance** | RoHS Compliant |
---
### 2. Design and Components
This part is not just a block of metal; it is a mechanical assembly consisting of three main electronic cooling elements:
#### A. The Heat Sink Body
* **Material:** Made of high-grade aluminum for excellent thermal conductivity.
* **Fin Geometry:** Features a "Straight Fin" design. This is optimized for systems with a clear directional airflow (like a chassis fan).
* **Surface Treatment:** Blue anodized finish, which protects against corrosion and slightly increases emissivity for better radiant heat transfer.
#### B. The pushPIN™ Attachment
* This specific model uses the **pushPIN™** system instead of thermal adhesive.
* It consists of a brass or plastic pin and a high-performance compression spring.
* **Benefit:** It provides consistent pressure (TIM - Thermal Interface Material compression), ensuring maximum contact between the heat sink and the chip.
#### C. Thermal Interface Material (TIM)
* The "R0" suffix usually indicates the inclusion of a pre-applied thermal interface material (typically **T766** or similar).
* This fills microscopic air gaps between the component and the heat sink to lower thermal resistance.
---
### 3. Application Use Cases
This heat sink is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Systems:** Industrial PCs where high-profile cooling is required.
3. **Power Electronics:** Dissipating heat from MOSFETs or power regulators.
---
### 4. Performance at Airflow
The efficiency of this part is highly dependent on the velocity of air moving through the fins:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.22 |
| 200 (1.0 m/s) | 6.69 |
| 400 (2.0 m/s) | 4.14 |
| 600 (3.0 m/s) | 3.23 |
- ⤷
How do I calculate if this heat sink is sufficient for my chip's TDP?
- ⤷ What are the advantages of pushPIN attachment over thermal tape?
- ⤷ Are there low-profile alternatives for this specific dimensions?