AI

The **ATS-20B-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or power modules.
---
### ## Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. |
| **Part Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Thermal Resistance (Unducted)** | 18.35 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.63 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
| **Fin Type** | Fine Pitch |
| **Fin Pattern** | Straight |
---
### ## Key Electronic & Mechanical Features
### 1. Thermal Management Efficiency
The primary "electronic" function of this part is the dissipation of heat. In electronic circuits, excess heat leads to junction failure. The **ATS-20B-01-C2-R0** uses a fine-pitch straight fin design to maximize surface area contact with moving air, effectively lowering the operating temperature of the underlying semiconductor.
### 2. Attachment Mechanism (pushPIN™)
Instead of using messy thermal adhesives or simple clips, this part uses a precision **Push-Pin** system:
* **Engagement:** The pins engage with pre-drilled holes in the PCB.
* **Constant Pressure:** Built-in springs ensure consistent pressure across the interface, which is critical for maintaining a thin, even layer of thermal interface material (TIM).
### 3. C2 Classification (Thermal Interface Material)
The **"C2"** suffix in the part number indicates that the heat sink comes pre-applied with **ATS-NO-LOW** thermal interface material. This is a high-performance thermal grease that fills microscopic air gaps between the component and the heat sink to enhance heat transfer.
---
### ## Applications in Electronics
This specific low-profile (10mm height) heat sink is typically used in:
* **Networking Equipment:** Routers and switches with limited vertical clearance.
* **Embedded Systems:** Industrial PCs where vibration resistance (provided by the push-pins) is required.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
- ⤷
What are the specific hole patterns required on a PCB for the pushPIN attachment?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ Can this heat sink be used with active cooling fans?