công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19H-01-C2-R0

  • AI
    The **ATS-19H-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-velocity airflow environments. --- ## 1. Technical Specifications The following table outlines the physical and thermal characteristics of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Number** | ATS-19H-01-C2-R0 | | **Series** | maxiFLOW™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 21.92°C/W (@ 100 LFM) to 4.42°C/W (@ 700 LFM) | | **Dimensions (L x W x H)** | 40mm x 40mm x 10mm | --- ## 2. Design and Components The ATS-19H-01-C2-R0 is engineered with several specialized electronic cooling features: ### A. maxiFLOW™ Fin Geometry The fins are designed with a tapered, high-aspect-ratio profile. This reduces pressure drop and increases the surface area for heat dissipation, making it highly efficient for components that generate significant heat in tight spaces. ### B. pushPIN™ Attachment System Instead of simple adhesive tape, this model uses a **pushPIN™** mechanism: * **Spring-loaded:** Ensures consistent pressure (interface force) between the heat sink and the electronic component (CPU, GPU, or FPGA). * **Reliability:** Resistant to vibration and mechanical shock. * **Hardware:** Includes a brass/plastic pin and a stainless steel spring. ### C. Thermal Interface Material (TIM) The part comes pre-applied with **ATS-PPS-01**, a high-performance thermal grease. This eliminates the need for manual application and ensures there are no air gaps between the heat sink and the component surface. --- ## 3. Application Use Cases This specific heat sink is typically found in: 1. **Telecommunications:** Cooling high-speed data processing chips. 2. **Embedded Systems:** Industrial PCs where space is limited but cooling is critical. 3. **Power Electronics:** Voltage regulators or transistors that require active airflow cooling. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting hole dimensions required for the pushPIN™ system?
    • ⤷ How does the thermal resistance change at different airflow speeds (LFM)?
    • ⤷ Are there alternative finishes available for this heat sink model?