công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19G-07-C2-R0

  • AI
    The **ATS-19G-07-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic integrated circuits (ICs) and CPUs. ### 1. Technical Specifications The following table summarizes the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Series** | pushPIN™ | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Thermal Resistance** | 16.97 °C/W (Unducted Flow @ 100 LFM) | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W)** | 45.00 mm x 45.00 mm | | **Height** | 12.00 mm | | **Pitch** | Fine Pitch | | **Pattern** | XC-CUT | --- ### 2. Key Components & Design Features #### A. Thermal Interface Material (TIM) * **Part Suffix (-R0):** Indicates that the heat sink comes pre-applied with a high-performance thermal interface material. * **Purpose:** To fill microscopic air gaps between the component surface and the heat sink base, maximizing heat transfer efficiency. #### B. Attachment Mechanism (pushPIN™) * Instead of using simple adhesive tapes, this model uses a **push-pin and spring assembly**. * **Benefits:** Provides consistent pressure for better thermal contact and allows for easy installation/removal without damaging the PCB. #### C. Fin Geometry (XC-CUT) * The "XC-CUT" design features a cross-cut fin pattern. * **Function:** This geometry is optimized for "omni-directional" airflow, meaning it can dissipate heat effectively even if the air is not blowing from a single specific direction. --- ### 3. Applications This component is typically found in the following electronic environments: 1. **Networking Hardware:** Switches, routers, and gateways. 2. **Embedded Systems:** Industrial PCs and controllers. 3. **Power Electronics:** Voltage regulators and high-speed processors. 4. **Telecom:** Base station equipment where height constraints (12mm) are critical.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the required airflow (LFM) for this heat sink?
    • ⤷ What is the difference between the Blue Anodized finish and other coatings?
    • ⤷ Can the pushPIN attachment be used on any standard PCB layout?