ATS-19F-93-C2-R0
AI

The **ATS-19F-93-C2-R0** is a high-performance thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Spring Type** | Brass |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions** | 40mm x 40mm x 20mm |
---
### 2. Key Electronic & Mechanical Parts
#### A. The Heat Sink Body (Finned Array)
The "93" in the part number refers to the **maxiFLOW™** design. This design features a high-density finned array that increases surface area.
- **Function:** Transfers heat from the component surface to the surrounding air.
- **Orientation:** Designed for uni-directional or multi-directional airflow depending on the fin layout.
#### B. Push-Pin Attachment Mechanism
This model uses a mechanical mounting system rather than adhesive tape.
- **Hardware:** Consists of plastic push-pins and metal springs.
- **Benefit:** Provides consistent pressure (force) on the electronic chip, which optimizes the thermal contact and ensures the heat sink doesn't shift during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The **C2** designation indicates the type of thermal compound pre-applied to the base.
- **Material:** T766.
- **Purpose:** Fills microscopic air gaps between the electronic component (die/package) and the aluminum base to lower thermal resistance.
---
### 3. Thermal Performance Indicators
The efficiency of this part is measured by its thermal resistance (lower is better).
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM (1.0 m/s) | 5.42 |
| 500 LFM (2.5 m/s) | 2.50 |
| 800 LFM (4.0 m/s) | 1.90 |
---
### 4. Summary of Naming Convention
- **ATS:** Advanced Thermal Solutions.
- **19:** Part Series (maxiFLOW™).
- **F:** Fin Style.
- **93:** Specific size/footprint code.
- **C2:** Thermal Interface Material code (T766).
- **R0:** RoHS Compliance/Revision status.
---
- ⤷
What are the mounting hole dimensions required for this heat sink?
- ⤷ Is the T766 thermal interface material electrically conductive?
- ⤷ How does push-pin mounting compare to thermal tape for long-term reliability?