ATS-19F-90-C2-R0
AI

The **ATS-19F-90-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "pushPIN™" family, designed for cooling electronic components such as CPUs, GPUs, and high-power chipsets.
---
### Technical Specifications
The table below outlines the core physical and thermal properties of this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 6.36 °C/W (at 100 LFM) |
| **Dimensions (L x W)** | 35.00 mm x 35.00 mm |
| **Height** | 25.00 mm |
| **Pitch** | Fine-Pitch |
| **Flow** | Cross-Cut |
---
### Key Electronic & Mechanical Components
#### 1. Heat Sink Body (The Fins)
The part utilizes a **straight-fin or cross-cut design** depending on the specific airflow optimization. This increases the surface area exposed to the air, allowing heat generated by the electronic chip to dissipate more efficiently via convection.
#### 2. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical attachment:
* **Springs:** Provide precise, consistent pressure across the interface to ensure maximum thermal contact.
* **Pins:** Designed to fit into pre-drilled holes on the Printed Circuit Board (PCB).
#### 3. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates the type of thermal interface material pre-applied to the base:
* **Function:** It fills microscopic air gaps between the chip surface and the heat sink base.
* **Performance:** High thermal conductivity to ensure low resistance from the silicon die to the aluminum fins.
---
### Thermal Performance Overview
Thermal resistance (measured in °C/W) determines how much the temperature of the component will rise per watt of power dissipated.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Resistance (Unducted)** | 6.36 | 3.33 | 2.59 | 2.24 | 2.02 |
---
### Application Usage
* **PCB Mounting:** Requires specific hole patterns on the board for the push-pins.
* **Component Type:** Ideal for BGA (Ball Grid Array) packages.
* **Environment:** Best suited for forced-air environments (systems with active cooling fans).
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How do I calculate if this thermal resistance is sufficient for my 15W processor?