công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19F-88-C2-R0

  • AI
    The **ATS-19F-88-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the high-performance **maxiFLOW™** heat sink family, designed primarily for cooling high-power electronic components like CPUs, GPUs, and FPGAs. --- ## 1. Technical Specifications The following table summarizes the key physical and thermal characteristics of the part: | Characteristic | Specification | | :--- | :--- | | **Material** | Blue Anodized Aluminum | | **Dimensions (L x W x H)** | 40mm x 40mm x 25mm | | **Attachment Method** | pushPIN™ (Brass/Plastic pins) | | **Thermal Resistance** | ~2.31 °C/W (at 200 LFM) | | **Airflow Path** | Open-Fin Design (maxiFLOW) | | **Compliance** | RoHS and REACH Compliant | --- ## 2. Component Breakdown ### A. The Heat Sink Body The part utilizes the **maxiFLOW™** geometry. Unlike standard square fin heat sinks, this design features a tapered fin structure that increases the surface area while reducing pressure drop. This allows for better airflow through the fins, significantly improving cooling efficiency in constrained spaces. ### B. The pushPIN™ Attachment System The "R0" at the end of the part number typically refers to the mounting hardware. This model uses a **pushPIN™** system which includes: * **Compression Springs:** Provide a precise amount of pressure (Force) to ensure maximum contact between the heat sink and the chip. * **Attachment Pins:** Usually made of brass or plastic, designed to lock into pre-drilled holes on the PCB. ### C. Thermal Interface Material (TIM) Most parts in this series come pre-applied with high-performance thermal grease or a phase-change pad. The **C2** designation often refers to the specific type of thermal interface material or the kit configuration provided by ATS. --- ## 3. Part Number Decoder To understand the specific configuration, the part number can be broken down as follows: | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **19F** | Series/Product Family (maxiFLOW™) | | **88** | Specific Footprint/Size Code | | **C2** | Thermal Interface Material/Hardware Variant | | **R0** | Revision or Packaging code | --- ## 4. Typical Applications This component is used in environments where heat dissipation is critical for reliability: * **Telecommunications:** Network switches and routers. * **Industrial PC:** Embedded systems that run 24/7. * **Power Supplies:** Cooling voltage regulators and power MOSFETs. ---
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance of this heat sink at different airflow speeds (LFM)?
    • ⤷ Does this heat sink come with pre-applied thermal interface material (TIM)?
    • ⤷ What are the specific PCB hole diameters required for the pushPIN™ attachment?