ATS-19F-85-C2-R0
AI

The **ATS-19F-85-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling electronic components such as BGA (Ball Grid Array) chips, FPGAs, and processors.
---
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 20.11°C/W (at 1.0 m/s airflow) |
| **Finish** | Blue Anodized |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment
Unlike adhesive-based heat sinks, this model uses a mechanical push-pin system.
- **Benefits:** Provides consistent pressure for better thermal contact and prevents the heat sink from shifting during vibration or shipping.
- **Springs:** Usually paired with stainless steel springs to maintain optimal downward force.
#### B. Fin Design (Straight Fin)
The part utilizes a **straight fin** geometry.
- These are optimized for "open-flow" environments where airflow is directed through the fins.
- The 10mm low-profile height makes it ideal for compact electronic enclosures or 1U server racks.
#### C. Thermal Interface Material (TIM)
The "R0" suffix indicates the inclusion of a pre-applied thermal pad or phase-change material (**T766**). This ensures that the microscopic air gaps between the heat sink and the electronic chip are filled, maximizing heat transfer efficiency.
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **19** | Series/Footprint designation |
| **F** | Fin style/type |
| **85** | Specific internal dimension code |
| **C2** | Material/Finish code (Blue Anodized Aluminum) |
| **R0** | Packaging and TIM (Thermal Interface Material) designation |
---
### 4. Typical Applications
* **Networking:** Routers and switches.
* **Computing:** CPU/GPU cooling in embedded systems.
* **Power Electronics:** Cooling MOSFETs or power modules.
- ⤷
What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?
- ⤷ What is the weight of the ATS-19F-85-C2-R0?