ATS-19F-75-C1-R0
AI

## Technical Overview of ATS-19F-75-C1-R0
The **ATS-19F-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **maxiFLOW™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and ASICs.
### 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-19F-75-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 1.48 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | maxiFLOW (Tapered Fin) |
---
### 2. Functional Components and Features
#### A. Fin Design (maxiFLOW™)
The "F" in the part number refers to the **maxiFLOW™** fin geometry. Unlike standard straight fins, these are tapered and spread outwards. This design:
* Reduces pressure drop.
* Increases surface area for heat dissipation.
* Maximizes airflow through the heat sink in forced-air environments.
#### B. Attachment Mechanism (pushPIN™)
The "R0" indicates the inclusion of the **pushPIN™** assembly system.
* **Hardware:** Includes a flexible spring and a nylon or brass pin.
* **Installation:** Provides a secure, tool-less attachment to the PCB through pre-drilled holes.
* **Pressure:** Ensures consistent contact pressure between the heat sink and the electronic component for optimal heat transfer.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just aesthetic; anodizing protects the aluminum from corrosion and slightly improves surface emissivity for radiation heat transfer.
---
### 3. Thermal Performance Data
Performance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 2.40 |
| 200 | 1.48 |
| 300 | 1.15 |
| 400 | 0.98 |
---
### 4. Application Logic
This part is typically used on **BGA (Ball Grid Array)** components. Designers select this specific model when they have a 45mm chip footprint and approximately 20mm of vertical clearance in the chassis.
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does this heat sink compare to a straight-fin design of the same size?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for this part?