ATS-19F-63-C2-R0
AI

The **ATS-19F-63-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Fine Pitch (straight fin) |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (with springs) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | ~12.32 °C/W (undirected flow) |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the footprint of the PCB and clears surrounding components.
| Dimension | Measurement |
| :--- | :--- |
| **Length (Base)** | 45.00 mm |
| **Width (Base)** | 45.00 mm |
| **Height (Fin)** | 20.00 mm |
| **Pitch** | Fine |
---
### 3. Key Electronic Components & Features
#### A. Attachment Mechanism (Push-Pin)
This part utilizes a **Push-Pin** system. Unlike adhesive tapes which can degrade over time, the push-pin uses a pre-drilled hole in the PCB and a spring-loaded pin to provide consistent downward pressure. This ensures:
* Optimal contact with the thermal interface material (TIM).
* Reliable performance in high-vibration environments.
#### B. Thermal Performance
The "Fine Pitch" design increases the surface area available for heat transfer. In electronic systems with high airflow, this design significantly lowers the operating temperature of the silicon die, preventing **thermal throttling** or hardware failure.
#### C. Material & Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides corrosion resistance and electrical insulation (though the base must make contact with the component via TIM).
---
### 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Networking:** Routers, switches, and high-speed modems.
* **Power Electronics:** Voltage regulators and high-wattage power supplies.
---
- ⤷What type of Thermal Interface Material (TIM) is recommended for this heat sink?
- ⤷ How do I calculate if the 20mm height will fit my enclosure?
- ⤷ What are the advantages of push-pin mounting over adhesive tape?