ATS-19F-60-C2-R0
AI

## Technical Overview: ATS-19F-60-C2-R0
The **ATS-19F-60-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, specifically designed for cooling electronic components like BGA (Ball Grid Array) packages, CPUs, and GPUs in high-airflow environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Mounting Style** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Thermal Resistance** | 1.45°C/W (at 200 LFM) |
| **Attachment Method** | Push-pins and Springs |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 25.00mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Component Features
#### **A. maxiFLOW™ Fin Geometry**
The "C2" in the part number indicates a specific fin design. The maxiFLOW™ geometry features a flared fin structure that increases the surface area for heat dissipation while maintaining low pressure drop. This allows it to perform exceptionally well in forced-air cooling systems.
#### **B. pushPIN™ Attachment System**
Instead of using messy adhesives or permanent solder, this part uses the **pushPIN™** system:
* **Compression Springs:** Ensure even pressure across the component surface for optimal thermal contact.
* **Plastic/Brass Pins:** Secure the heat sink to the PCB via pre-drilled holes.
#### **C. Thermal Interface Material (TIM)**
The part comes with **T766** pre-applied to the base. This is a high-performance thermal pad that fills microscopic air gaps between the heat sink and the electronic chip, ensuring efficient heat transfer from the silicon to the aluminum fins.
---
### 3. Thermal Performance Profile
The efficiency of this part varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM (1.0 m/s)** | 1.45 |
| **300 LFM (1.5 m/s)** | 1.02 |
| **400 LFM (2.0 m/s)** | 0.82 |
| **500 LFM (2.5 m/s)** | 0.71 |
---
### 4. Typical Applications
* **Telecommunications:** Cooling high-speed networking chips.
* **Industrial PC:** Thermal management for processors in harsh environments.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with different height specifications?