AI

The **ATS-19F-58-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (LxWxH)** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 10.11°C/W (at 100 LFM) |
| **Airflow Pattern** | Straight Fin |
---
### 2. Physical Design & Construction
The device utilizes several engineering features to optimize cooling efficiency:
* **Fin Style:** It features **straight fins**, which are ideal for applications where there is a clear, directional airflow provided by a fan (forced convection).
* **Material Choice:** Made from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio, ensuring the component doesn't add excessive mass to the PCB.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal phase-change material that ensures a tight thermal bond between the heat source and the sink.
---
### 3. Mounting System (pushPIN™)
The **"19F"** and **"C2"** designations refer to the mounting and spring hardware.
1. **Push-Pins:** This allows for a secure, tool-less attachment to the PCB through pre-drilled holes.
2. **Compression Springs:** These ensure constant, uniform pressure on the electronic chip, which prevents the heat sink from shifting and maintains optimal thermal contact.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **19F** | Series/Mounting Style (pushPIN™) |
| **58** | Size/Footprint Code (40mm x 40mm) |
| **C2** | Thermal Performance/Height Code (15mm Height) |
| **R0** | RoHS Compliant / Revision code |
---
- ⤷
What is the significance of the 'Blue Anodized' finish in terms of thermal performance?
- ⤷ How do I calculate if the 10.11°C/W thermal resistance is sufficient for my specific processor?
- ⤷ Can this heat sink be used with a custom clip instead of the provided push-pins?