ATS-19F-50-C2-R0
AI

The **ATS-19F-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling integrated circuits (ICs) and other electronic components that generate significant heat during operation.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with Springs) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Thermal Resistance** | 18.90 °C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Electronic Features
### A. Push Pin Attachment
Unlike adhesive-based heat sinks, the "pushPIN™" system uses a brass or plastic pin with a compression spring. This ensures:
* **Constant Pressure:** Maintains uniform contact between the heat sink and the electronic component (CPU, GPU, or FPGA).
* **Reliability:** Resistant to vibration and thermal expansion/contraction that often causes adhesive tape to fail over time.
### B. Fin Design (Cross-Cut)
The "F" in the part number indicates a specific fin pattern. The cross-cut design allows for **multi-directional airflow**. This is critical in crowded PCB environments where the cooling fan might not be perfectly aligned with the heat sink.
### C. Thermal Interface Material (T766)
The unit comes with a pre-applied phase-change material (T766). This eliminates the need for manual thermal paste application, ensuring a low thermal resistance path from the silicon die to the aluminum fins.
---
## 3. Physical Dimensions (Mechanical Drawing)
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 35.00 |
| **Width (B)** | 35.00 |
| **Height (C)** | 15.00 |
| **Pitch (E)** | 40.00 |
| **Pitch (F)** | 40.00 |
---
## 4. Application Use-Cases
This heat sink is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling of high-speed network switch chips.
2. **Industrial PCs:** Thermal management for embedded processors.
3. **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
4. **Consumer Electronics:** High-end audio processors or set-top box ICs.
- ⤷
What is the significance of the 'C2' suffix in the ATS part numbering system?
- ⤷ How do I calculate if the 18.90 °C/W thermal resistance is sufficient for my 5W chip?
- ⤷ Are there different spring tensions available for the pushPIN attachment method?