ATS-19F-47-C2-R0
AI

The **ATS-19F-47-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic devices like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table details the mechanical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push Pin |
| **Heat Sink Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.30°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 30mm |
| **Fin Style** | Straight (Cross-Cut) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to describe its physical properties:
* **ATS-19**: Refers to the specific series of the pushPIN™ attachment system.
* **F**: Indicates a specific mounting hole pattern or fin configuration.
* **47**: Represents the specific dimensions and thermal profile index.
* **C2**: Refers to the material and finish (usually Aluminum with a Blue Anodized coating).
* **R0**: Indicates the revision number or packaging type.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its electronic role is critical in high-power circuits:
* **Heat Dissipation:** It increases the surface area of the heat-generating component (e.g., an Integrated Circuit), allowing ambient air to carry heat away more efficiently.
* **Thermal Interface:** It is typically used in conjunction with a Thermal Interface Material (TIM) like thermal paste to ensure maximum conductivity between the chip and the aluminum.
* **Attachment System:** This model uses a **push-pin** mechanism with a brass or plastic pin and a spring. This ensures constant pressure against the electronic component, which is vital for maintaining thermal contact under vibration or thermal expansion.
---
### 4. Typical Applications
* **Embedded Systems:** Cooling small form-factor motherboards.
* **Power Electronics:** Dissipating heat from voltage regulators and MOSFETs.
* **Telecommunications:** Used in routers and switches where airflow is localized.
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How does 'LFM' affect the thermal resistance of this part?
- ⤷ What type of Thermal Interface Material is recommended for the ATS-19F series?