ATS-19F-41-C2-R0
AI

The **ATS-19F-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 10.03 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Pattern** | Straight Fin |
---
### 2. Physical Design Details
The physical construction is optimized for airflow and ease of assembly in electronic systems:
* **Heat Sink Profile:** The 20mm height offers a balance between surface area for cooling and clearance in low-profile electronic enclosures.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied. This is a high-performance thermal phase change material or grease that fills the microscopic air gaps between the component and the heat sink.
* **Fin Geometry:** The straight fin design is ideal for systems with directed airflow (forced convection), allowing air to pass through the channels efficiently.
---
### 3. Mounting System (pushPIN™)
One of the defining "electronic parts" of this assembly is the mechanical mounting hardware:
1. **Push-Pins:** These are plastic or brass pins that lock into pre-drilled holes on the Printed Circuit Board (PCB).
2. **Compression Springs:** Every pin is paired with a stainless steel spring. This ensures **consistent downward pressure**, which is critical for maximizing heat transfer and preventing the component from cracking due to over-tightening.
---
### 4. Application Use Cases
This component is commonly found in:
* **Networking Hardware:** Switches, routers, and high-speed modems.
* **Industrial PCs:** Compact computing modules where heat buildup is a risk.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
- ⤷
What is the difference between Blue Anodized and Gold Anodized finishes for heat sinks?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Can this heat sink be used with a different mounting mechanism like thermal adhesive?