ATS-19F-34-C2-R0
AI

The **ATS-19F-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power semiconductors.
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-19F-34-C2-R0 |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 3.81°C/W @ 100 LFM (Linear Feet per Minute) |
| **Attachment Method** | pushPIN™ (Brass spring-loaded pins) |
| **Fin Type** | XC-CUT (Cross-cut) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied thermal grease) |
---
### 2. Key Design Features
* **XC-CUT Fin Pattern:** This design uses cross-cut fins which allow for multi-directional airflow. This is critical in high-density PCB layouts where airflow may not be strictly linear.
* **pushPIN™ Attachment:** Instead of messy adhesives or fragile clips, this part uses a mechanical push-pin system. This ensures consistent pressure across the component surface, which optimizes heat transfer.
* **Material and Finish:** Made from high-grade aluminum for lightweight thermal conductivity. The blue anodized finish provides a protective layer against corrosion and improves radiative heat emission.
* **Pre-applied TIM:** It comes with **T766 thermal interface material**, which simplifies assembly and ensures a high-quality thermal bond between the heat sink and the chip.
### 3. Applications
This specific heat sink is typically used in:
1. **Telecommunications:** Cooling of networking chips and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Voltage regulators and power converters that generate significant localized heat.
---
- ⤷
What is the hole pattern requirement for the pushPIN mounting system?
- ⤷ How does the thermal resistance change at higher airflows like 500 LFM?
- ⤷ Are there alternative sizes available in the ATS-19F series?