ATS-19F-33-C2-R0
AI

The **ATS-19F-33-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS)** push-pin heat sink. It is designed to cool electronic components like CPUs, GPUs, or FPGAs in constrained environments.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-19F-33-C2-R0 |
| **Heat Sink Type** | Push-Pin (Spring-loaded) |
| **Fin Style** | Straight |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 54mm x 54mm x 15mm |
| **Thermal Resistance** | ~1.15°C/W (at 200 LFM) |
| **TIM (Interface Material)** | T766 (High Performance) |
---
## 2. Key Component Features
### A. Push-Pin Attachment Mechanism
This part uses a **brass push-pin** with a **stainless steel spring**.
- **Purpose:** Ensures even pressure across the component for maximum heat transfer.
- **Safety:** Prevents damage to the PCB or the electronic chip by limiting the compression force.
### B. Material & Coating
- **Aluminum 6063:** Provides high thermal conductivity while remaining lightweight.
- **Blue Anodized Finish:** Not only aesthetic but also increases surface emissivity, slightly improving radiation heat transfer and providing corrosion resistance.
### C. Thermal Interface Material (TIM)
The "C2" in the part number refers to the pre-applied thermal interface material.
- **T766:** A phase-change material or high-quality grease applied to the base to fill microscopic air gaps between the heat sink and the electronic chip.
---
## 3. Performance Analysis
The efficiency of this heat sink depends on airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) | Pressure Drop (in-H2O) |
| :--- | :--- | :--- |
| 200 (1.0 m/s) | 1.15 | 0.04 |
| 400 (2.0 m/s) | 0.85 | 0.08 |
| 600 (3.0 m/s) | 0.70 | 0.12 |
---
## 4. Typical Applications
This electronic part is commonly found in:
1. **Network Switches/Routers:** Cooling high-speed processing ASICs.
2. **Embedded Systems:** Industrial PCs where space is limited.
3. **Power Electronics:** Dissipating heat from MOSFETs or IGBT modules.
- ⤷
What is the hole pattern requirement for mounting this heat sink on a PCB?
- ⤷ Can this heat sink be used without a fan (passive cooling)?
- ⤷ How does the T766 thermal material compare to standard thermal paste?