ATS-19F-32-C2-R0
AI

The **ATS-19F-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal properties.
| Specification | Details |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height (H)** | 12.70 mm |
| **Pitch** | Fine Pitch |
| **Thermal Resistance** | ~11.73 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Key Component Features
#### A. Fin Pattern (High Performance)
The "32" in the part number indicates a specific fin pattern. This model typically features a **cross-cut** or **straight fin** design optimized for high-density airflow. The fine pitch allows for a larger surface area relative to the small footprint.
#### B. pushPIN™ Attachment System
This is a critical electronic hardware feature:
* **Ease of Assembly:** Uses a spring-loaded pin mechanism to secure the heat sink to the PCB.
* **Reliability:** Ensures consistent pressure (clamping force) between the heat sink and the component, which improves thermal transfer when used with Thermal Interface Material (TIM).
* **Shock/Vibration Resistance:** Designed to meet industry standards for hardware stability.
#### C. Material and Coating
* **Aluminum 6063:** Provides a balance of high thermal conductivity and light weight.
* **Blue Anodized Finish:** Not only aesthetic but provides corrosion resistance and increases surface emissivity for better radiant heat transfer.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Telecommunications:** Cooling of networking chips.
2. **Embedded Systems:** Industrial PCs where vertical space is limited (12.7mm height).
3. **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
---
### 4. Thermal Performance Comparison
*Thermal resistance varies based on airflow (measured in Linear Feet per Minute - LFM):*
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 11.73 |
| 300 | 1.5 | 3.35 |
| 500 | 2.5 | 2.02 |
---
- ⤷
What are the compatible hole patterns for the pushPIN attachment on this model?
- ⤷ Which Thermal Interface Material (TIM) is recommended for use with the ATS-19F-32-C2-R0?
- ⤷ How does the height of 12.7mm impact its performance in a low-profile server chassis?