ATS-19F-27-C2-R0
AI

The **ATS-19F-27-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ HS Assembly |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Fin Type** | Straight Fin |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | 12.24°C/W (Unducted) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
---
### 2. Key Features and Design
#### A. pushPIN™ Attachment System
The "19F" in the part number indicates the use of the ATS **pushPIN™** system. This design allows for:
* **Fast Assembly:** Easy installation into pre-drilled holes on a PCB.
* **Constant Pressure:** A high-performance compression spring ensures uniform pressure across the interface for maximum heat transfer.
* **Stability:** Secure mounting that resists vibration and mechanical shock.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Provides corrosion resistance and increases surface emissivity, slightly improving radiant cooling.
#### C. Thermal Interface Material (TIM)
The "C2" designation usually refers to the pre-applied thermal interface material. ATS typically uses **T766**, a high-performance thermal grease, to fill microscopic air gaps between the component and the heat sink.
---
### 3. Performance Data
Thermal performance is highly dependent on airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (Unducted) |
| :--- | :--- | :--- |
| 100 | 0.5 | 12.24 °C/W |
| 300 | 1.5 | 4.47 °C/W |
| 500 | 2.5 | 2.99 °C/W |
| 700 | 3.5 | 2.39 °C/W |
---
### 4. Typical Applications
* **Power Supplies:** Cooling MOSFETs and Voltage Regulators.
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Telecommunications:** Cooling small-form-factor networking chips.
- ⤷
How do I choose the correct push-pin length for my PCB thickness?
- ⤷ What is the difference between ducted and unducted thermal resistance?
- ⤷ Can this heat sink be customized with a different Thermal Interface Material (TIM)?