công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19F-26-C2-R0

  • AI
    ## Technical Analysis: ATS-19F-26-C2-R0 The **ATS-19F-26-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the "blue ICE" series, designed for cooling electronic components like CPUs, GPUs, or high-power semiconductors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Attachment Method** | Push-Pin (Plastic or Brass) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 70.00mm x 70.00mm x 10.00mm | | **Fin Type** | Fine Pitch (Cross-cut) | | **Thermal Resistance** | ~14.20 °C/W (Unducted Flow @ 100 LFM) | --- ### 2. Component Breakdown #### A. Attachment System (pushPIN™) The "F" in the part number indicates a specific push-pin configuration. This system uses a flexible spring-loaded mechanism that ensures: * **Consistent Pressure:** Even contact across the component surface to maximize heat transfer. * **Easy Installation:** No specialized tools are required beyond basic manual force. * **Reliability:** Resistant to shock and vibration compared to simple adhesive tapes. #### B. Heat Sink Geometry * **Fine-Pitch Fins:** The cross-cut design allows for multidirectional airflow. This is critical in cramped electronic enclosures where air may not flow in a perfectly straight line. * **Low Profile:** At only 10mm height, it is designed for space-constrained applications (1U servers or mobile devices). #### C. Thermal Interface Material (TIM) The "R0" suffix typically denotes that the part comes pre-applied with a high-performance thermal interface material. This eliminates the need for manual application of thermal paste, reducing assembly time and error. --- ### 3. Usage Context This part is typically used in industrial and computing environments where **convection cooling** is active. It is specifically optimized for: 1. **High-density PCB layouts.** 2. **Broad area components** (70mm footprint). 3. **Low-clearance chassis** (only 10mm vertical height). ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the thermal resistance for higher airflows like 500 LFM?
    • ⤷ What are the differences between plastic and brass push-pins for this model?
    • ⤷ Can this heat sink be customized with different thermal interface materials?