ATS-19F-23-C2-R0
AI

The **ATS-19F-23-C2-R0** is a specific part number for a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for cooling electronic components like processors, FPGAs, and ASICs.
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 15.00mm |
| **Thermal Resistance (Unducted)** | 12.01 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.90 °C/W @ 200 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Elements
#### A. Fin Geometry (maxiFLOW™)
This heat sink features a **spread-fin design**. Unlike standard square-fin sinks, the fins are tapered and angled to maximize surface area while reducing pressure drop. This allows for higher airflow efficiency in constrained spaces.
#### B. pushPIN™ Attachment
The part uses the **pushPIN™** mounting system, which includes:
* **Compression Springs:** Ensure even pressure across the component to maximize thermal transfer.
* **Brass Bolts/Plastic Pins:** Provide a secure mechanical connection to the PCB, preventing the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The **C2** in the part number indicates the specific TIM used (T766). This is a high-performance phase-change material or grease pre-applied to the base of the heat sink, ensuring there are no air gaps between the component and the metal.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **19F:** Product Family (maxiFLOW™ series).
* **23:** Specific dimensions/fin configuration code.
* **C2:** Thermal Interface Material type (T766).
* **R0:** Revision/Standard packaging code.
---
### 4. Application Use Cases
This component is typically found in:
1. **Telecommunications:** Cooling high-speed networking chips.
2. **Embedded Computing:** Cooling industrial PC processors.
3. **Power Electronics:** Managing heat for large MOSFET arrays or power modules.
- ⤷
What are the benefits of using a blue anodized finish on a heat sink?
- ⤷ How does ducted vs. unducted airflow impact the thermal resistance of this part?
- ⤷ Can the pushPIN™ attachment be customized for different PCB thicknesses?