ATS-19F-210-C2-R0
AI

The **ATS-19F-210-C2-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**.
| Parameter | Specification |
| :--- | :--- |
| **Heat Sink Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Style** | Straight Fin |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Thermal Resistance** | 5.18°C/W (at 200 LFM) |
| **Dimensions** | 54mm x 54mm x 12.7mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Component Features
### A. Material and Coating
* **Aluminum AL6063:** Provides a high strength-to-weight ratio and excellent thermal conductivity.
* **Blue Anodized Finish:** Not only aesthetic but increases surface emissivity and provides corrosion resistance.
### B. Mounting Mechanism (Push-Pins)
The "Push-Pin" system consists of a plastic pin and a brass spring.
* **Uniform Pressure:** The springs ensure that a consistent downward force is applied to the chip, optimizing the contact with the Thermal Interface Material (TIM).
* **Pre-drilled Holes:** This component requires specific holes in the PCB for mounting, ensuring the heat sink does not shift during vibration or shipping.
### C. Thermal Interface Material (TIM)
This part comes with **T766** pre-applied to the base.
* It fills the microscopic air gaps between the heat source (the chip) and the heat sink base, significantly reducing thermal resistance.
---
## 3. Physical Dimensions (Summary)
| Dimension | Measurement |
| :--- | :--- |
| **Width / Length** | 54.0 mm |
| **Height** | 12.7 mm |
| **Pin Pitch** | Specific to standard PCB layouts |
---
## 4. Usage Considerations
* **Airflow:** Since it is a straight-fin design, it performs best in environments with directed forced-air cooling (fans).
* **Height Profile:** At 12.7mm, it is considered a low-profile heat sink, making it ideal for 1U servers or compact electronic enclosures.
- ⤷
What are the PCB hole requirements for mounting the ATS-19F-210-C2-R0?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Can this heat sink be used for passive cooling without a fan?