ATS-19F-178-C2-R0
AI

The **ATS-19F-178-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, specifically designed for cooling electronic components like processors, FPGAs, and ASICs.
---
## 1. Technical Specifications
Below are the primary electronic and physical specifications for this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-19F-178-C2-R0 |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 4.82°C/W (at 200 LFM) |
| **Material** | Aluminum (Body) / Copper (optional base) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 15mm |
| **RoHS Status** | Compliant |
---
## 2. Key Electronic Features
### A. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical **pushPIN™** system.
- **Benefit:** It provides a precise, consistent pressure (preload) on the electronic component, which improves thermal contact and prevents the heat sink from shifting during vibration or shipping.
- **Components:** It features a brass component with a stainless steel spring.
### B. Thermal Performance (maxiFLOW™ Design)
The "F" in the part number denotes a **fine-pitch fin** structure.
- **Airflow Efficiency:** The graduated fin pattern increases the surface area while reducing pressure drop.
- **Thermal Interface Material (TIM):** The "-C2" suffix typically indicates that the part comes pre-applied with **ATS-PPS-02** thermal grease, which ensures low thermal resistance between the silicon die and the heat sink.
---
## 3. Dimensions and Airflow Data
The performance of this part is highly dependent on the velocity of air (measured in Linear Feet per Minute - LFM) provided by system fans.
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 7.10 |
| 200 | 4.82 |
| 300 | 3.67 |
| 400 | 3.00 |
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
- **ATS**: Advanced Thermal Solutions.
- **19**: Series/Form factor.
- **F**: Fin style (Fine).
- **178**: Specific geometry code.
- **C2**: Thermal Interface Material type (T766 or similar high-performance grease).
- **R0**: Revision/Packaging code.
- ⤷
What are the specific hole patterns required on the PCB for the pushPIN attachment?
- ⤷ How does the blue anodized finish impact the thermal radiation of the heat sink?
- ⤷ Is this heat sink compatible with standard 45mm BGA components?