ATS-19F-166-C3-R0
AI

The **ATS-19F-166-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "pushPIN™" series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this component:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Thermal Resistance (Unducted)** | 12.30 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 2.50 °C/W @ 100 LFM |
| **Thermal Interface Material** | T412 (Phase Change Material) |
---
## 2. Key Features & Electronic Function
While a heat sink is a passive mechanical part, its role in an electronic circuit is critical for maintaining performance and reliability.
### Thermal Dissipation
The primary function is to conduct heat away from a semiconductor device. The **C3** designation indicates it uses a high-performance Thermal Interface Material (TIM), which ensures minimal air gaps between the chip and the aluminum base.
### pushPIN™ Attachment System
This specific part uses a specialized attachment mechanism:
* **Precision Springs:** Provides consistent pressure to ensure optimal contact with the heat source.
* **Nylon pushPINs:** These are non-conductive and prevent short-circuiting or mechanical stress on the PCB.
### Fin Design
The part features a **straight fin** or **cross-cut** design (depending on the specific sub-batch) optimized for forced air cooling. Its low profile (10mm height) makes it ideal for electronics with restricted vertical space, such as 1U servers or flat-panel displays.
---
## 3. Comparison with Similar Models
| Part Number | Height | Finish | TIM Type |
| :--- | :--- | :--- | :--- |
| **ATS-19F-166-C1-R0** | 10mm | Blue Anodized | No TIM |
| **ATS-19F-166-C2-R0** | 10mm | Blue Anodized | T766 |
| **ATS-19F-166-C3-R0** | 10mm | Blue Anodized | **T412** |
---
## 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer)
* **19:** Product Series/Family
* **F:** Fin Type (Fine)
* **166:** Specific Geometry/Dimension code
* **C3:** Thermal Interface Material (T412) and Finish code
* **R0:** Revision status
- ⤷What is the difference between T412 and T766 thermal interface materials?
- ⤷ How do I calculate the thermal resistance needed for my specific IC?
- ⤷ What are the PCB hole requirements for the pushPIN attachment system?