ATS-19F-142-C2-R0
AI

The **ATS-19F-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like processors, FPGAs, and ASICs.
---
### ## Technical Specifications
Below are the core technical details for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 7.22 °C/W (@100 LFM) to 2.25 °C/W (@700 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring (Stainless Steel) |
| **Interface Material** | T766 (Phase Change Material) |
| **Dimensions** | 25mm x 25mm x 15mm |
---
### ## Component Analysis
### 1. Thermal Performance
The "C2" in the part number indicates a specific thermal performance profile. This heat sink uses a **Fine Pitch design**, which increases the surface area for heat dissipation. It is highly effective in forced-air environments (systems with fans).
### 2. Attachment Mechanism (Push Pin)
Unlike adhesive-based heat sinks, the **ATS-19F-142-C2-R0** uses a mechanical push-pin system.
* **Reliability:** Provides constant pressure (preload) for better thermal contact.
* **Installation:** Requires pre-drilled holes in the PCB (typically 3.0mm holes).
* **Springs:** Uses a stainless steel spring to ensure the heat sink stays flush against the chip even during mechanical shock or vibration.
### 3. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodization process provides increased corrosion resistance and slight improvements in surface emissivity.
### 4. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a high-performance phase-change material that melts when the component gets hot, filling microscopic air gaps between the chip and the heat sink for maximum heat transfer.
---
### ## Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Network switches and routers.
* **Power Electronics:** Voltage regulators and high-speed memory modules.
- ⤷
What are the specific PCB hole patterns required for the ATS-19F series?
- ⤷ How does T766 interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used for passive cooling without a fan?