công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-19F-121-C2-R0

  • AI
    The **ATS-19F-121-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications The following table highlights the core physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ | | **Thermal Resistance (Flowing)** | 9.48°C/W @ 100 LFM | | **Thermal Resistance (Static)** | 3.87°C/W | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm | | **Fin Style** | Straight (maxiFLOW™) | | **Pitch** | Fine | --- ### 2. Key Electronic Features #### A. Thermal Management The primary purpose of this part is to increase the surface area of a heat-generating semiconductor. By using a **maxiFLOW™ fin pattern**, it reduces air pressure drop and maximizes heat transfer in constrained spaces. #### B. pushPIN™ Attachment System Unlike traditional adhesive tapes, this part uses the **pushPIN™** system. This provides: * **Constant Pressure:** Ensures a reliable interface between the heat sink and the electronic component. * **Mechanical Stability:** Prevents the heat sink from shifting during vibration or mechanical shock. * **Ease of Assembly:** Features a flexible "spring" mechanism for quick installation onto pre-drilled holes in the PCB. #### C. Material & Coating * **Aluminum:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodized Finish:** This is not just aesthetic; the anodization provides a layer of electrical insulation and improves corrosion resistance. --- ### 3. Application Use Cases This specific model is typically found in the following electronic environments: 1. **Telecommunications:** Cooling networking chips in routers or switches. 2. **Industrial PCs:** Managing heat in fanless or low-airflow enclosures. 3. **Power Electronics:** Dissipating heat from large surface-mount MOSFETs or power modules.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'C2' rating in the part number?
    • ⤷ How do I calculate the required hole pattern for the pushPIN attachment?
    • ⤷ Are there alternative mounting options like thermal tape for this specific heat sink?